| 전자부품 데이터시트 검색엔진 |
|
CCT-39S860-R 데이터시트(PDF) 4 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCT-39S860-R 데이터시트(HTML) 4 Page - Teledyne Technologies Incorporated |
|
4 / 10 page ![]() CCT-39 Page 4 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCT-39S\072013\Q3 Series CCT-39S Multi-Throw DC-10 GHz, SP9T & SP10T Latching Coaxial Switch, Internal 50 Ω Termination COAX SWITCHES SP9T TRUTH TABLE Latching CCT-39SX9C-T Logic Input RF Path Indicator Switches 123456789 R J1 J2 J3 J4 J5 J6 J7 J8 J9 Reset E F G H K L M N O 1000000000 On Off Off Off Off Off Off Off Off Off C 00000000 0100000000 Off On Off Off Off Off Off Off Off Off 0 C 0000000 0010000000 Off Off On Off Off Off Off Off Off Off 0 0 C 000000 0001000000 Off Off Off On Off Off Off Off Off Off 0 0 0 C 00000 0000100000 Off Off Off Off On Off Off Off Off Off 0000 C 0000 0000010000 Off Off Off Off Off On Off Off Off Off 00000 C 000 0000001000 Off Off Off Off Off Off On Off Off Off 000000 C 00 0000000100 Off Off Off Off Off Off Off On Off Off 000 0000 C 0 0000000010 Off Off Off Off Off Off Off Off On Off 00000000 C TRUTH TABLE Latching CCT-39SX9C-TD Logic Input RF Path Indicator Switches 1234 J1 J2 J3 J4 J5 J6 J7 J8 J9 Reset E F G H K L M N O 0000 On Off Off Off Off Off Off Off Off Off C 00000000 1000 Off On Off Off Off Off Off Off Off Off 0 C 0000000 0100 Off Off On Off Off Off Off Off Off Off 0 0 C 000000 1100 Off Off Off On Off Off Off Off Off Off 0 0 0 C 00000 0010 Off Off Off Off On Off Off Off Off Off 0000 C 0000 1 0 1 0 Off Off Off Off Off On Off Off Off Off 00000 C 000 0 1 1 0 Off Off Off Off Off Off On Off Off Off 000000 C 00 1 1 1 0 Off Off Off Off Off Off Off On Off Off 0000000 C 0 0 0 0 1 Off Off Off Off Off Off Off Off On Off 00000000 C 1 0 0 1 Off Off Off Off Off Off Off Off Off Reset 000000000 1 1 1 1 COIL OFF 000000000 |