| 전자부품 데이터시트 검색엔진 |
|
CCT-39S860-R 데이터시트(PDF) 8 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCT-39S860-R 데이터시트(HTML) 8 Page - Teledyne Technologies Incorporated |
|
8 / 10 page ![]() CCT-39 Page 8 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCT-39S\072013\Q3 Series CCT-39S Multi-Throw DC-10 GHz, SP9T & SP10T Latching Coaxial Switch, Internal 50 Ω Termination COAX SWITCHES Power Handling vs. Frequency Estimates based on the following reference conditions: • Ambient temperature of 40°C or less • Sea level operation • Load VSWR of 1.20:1 maximum • No high-power (hot) switching Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions. TYPICAL POWER PERFORMANCE CURVE 3000 Frequency GHz 2000 1000 800 600 400 300 200 100 80 60 40 30 20 10 .1 .2 .3 .4 .6 .8 1 2 4 6 8 10 12 STANDARD SMA SWITCHES |