전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPG30 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IRFPG30 Datasheet

  • # Example questions: ➢ What are the key differences between the two versions of the to-247 package (version 1 and version 2)?
    ➢ What is the purpose of the 'ø k' dimension in the to-247 package specifications?
    ➢ Several dimensions have 'bsc' noted after their values. what does 'bsc' stand for in the context of these package specifications, and why is it important?

  • Part No.IRFPG30
    ManufacturerVISHAY
    Size993 Kbytes
    Pages11 pages
    DescriptionPower MOSFET
    Datasheet Summary with AI

    # IRFPG30 Power MOSFET

    ## Features
    · Dynamic dV/dt and repetitive avalanche rated
    · Isolated central mounting hole
    · Fast switching, easy paralleling, simple drive requirements
    · RoHS compliance options available

    ## Description
    · Third generation Power MOSFET for fast switching, rugged design, and cost-effectiveness
    · TO-247AC package preferred for commercial/industrial high-power applications
    · Superior to TO-218 package with isolated mounting hole and increased creepage distance

    ## Product Summary
    · VDS: 1000V
    · RDS(on) (VGS = 10V): 5.0 Ω
    · Qg (max.): 80 nC
    · Configuration: Single N-Channel MOSFET

    ## Absolute Maximum Ratings (TC = 25°C)
    · Drain-source voltage (VDS): 1000V
    · Gate-source voltage (VGS): ±20V
    · Continuous drain current (ID): 3.1A @ 25°C, 2.0A @ 100°C
    · Pulsed drain current (IDM): 12A
    · Single pulse avalanche energy (EAS): 180mJ
    · Maximum power dissipation (PD): 125W @ 25°C

    ## Thermal Resistance
    · Maximum junction-to-ambient (RthJA): 40°C/W
    · Maximum junction-to-case (RthJC): 1.0°C/W

    ## Specifications (TJ = 25°C)
    · Drain-source breakdown voltage (VDS): 1000V
    · Gate-source threshold voltage (VGS(th)): 2.0-4.0V
    · Drain-source on-state resistance (RDS(on)): 5.0Ω @ VGS=10V, ID=1.9A
    · Forward transconductance (gfs): 2.4S @ VDS=50V, ID=1.9A

    ## Package Information
    · Package: TO-247AC
    · Multiple versions available (FACILITY CODE = 9, Y, N)
    · Refer to datasheet for detailed dimensions and specifications

    ## Notes
    · Repetitive avalanche rating is pulse width limited
    · Device is not designed for life-saving or life-sustaining applications without specific authorization.

    # IRFPG30 Power MOSFET

    ## Features
    · Dynamic dV/dt and repetitive avalanche rated
    · Isolated central mounting hole
    · Fast switching, easy paralleling, simple drive requirements
    · RoHS compliance options available

    ## Description
    · Third generation Power MOSFET for fast switching, rugged design, and cost-effectiveness
    · TO-247AC package preferred for commercial/industrial high-power applications
    · Superior to TO-218 package with isolated mounting hole and increased creepage distance

    ## Product Summary
    · VDS: 1000V
    · RDS(on) (VGS = 10V): 5.0 Ω
    · Qg (max.): 80 nC
    · Configuration: Single N-Channel MOSFET

    ## Absolute Maximum Ratings (TC = 25°C)
    · Drain-source voltage (VDS): 1000V
    · Gate-source voltage (VGS): ±20V
    · Continuous drain current (ID): 3.1A @ 25°C, 2.0A @ 100°C
    · Pulsed drain current (IDM): 12A
    · Single pulse avalanche energy (EAS): 180mJ
    · Maximum power dissipation (PD): 125W @ 25°C

    ## Thermal Resistance
    · Maximum junction-to-ambient (RthJA): 40°C/W
    · Maximum junction-to-case (RthJC): 1.0°C/W

    ## Specifications (TJ = 25°C)
    · Drain-source breakdown voltage (VDS): 1000V
    · Gate-source threshold voltage (VGS(th)): 2.0-4.0V
    · Drain-source on-state resistance (RDS(on)): 5.0Ω @ VGS=10V, ID=1.9A
    · Forward transconductance (gfs): 2.4S @ VDS=50V, ID=1.9A

    ## Package Information
    · Package: TO-247AC
    · Multiple versions available (FACILITY CODE = 9, Y, N)
    · Refer to datasheet for detailed dimensions and specifications

    ## Notes
    · Repetitive avalanche rating is pulse width limited
    · Device is not designed for life-saving or life-sustaining applications without specific authorization.

    Part No.IRFPG30
    ManufacturerVISHAY
    Size993 Kbytes
    Pages11 pages
    DescriptionPower MOSFET