전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPG30 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRFPG30
상세설명  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPG30 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRFPG30 Datasheet HTML 1Page - Vishay Siliconix IRFPG30 Datasheet HTML 2Page - Vishay Siliconix IRFPG30 Datasheet HTML 3Page - Vishay Siliconix IRFPG30 Datasheet HTML 4Page - Vishay Siliconix IRFPG30 Datasheet HTML 5Page - Vishay Siliconix IRFPG30 Datasheet HTML 6Page - Vishay Siliconix IRFPG30 Datasheet HTML 7Page - Vishay Siliconix IRFPG30 Datasheet HTML 8Page - Vishay Siliconix IRFPG30 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFPG30
www.vishay.com
Vishay Siliconix
S22-0057-Rev. C, 31-Jan-2022
1
Document Number: 91252
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Dynamic dV/dt rated
• Repetitive avalanche rated
• Isolated central mounting hole
• Fast switching
• Ease of paralleling
• Simple drive requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The
TO-247AC
package
is
preferred
for
commercial-industrial applications where higher power
levels preclude the use of TO-220AB devices. The
TO-247AC is similar but superior to the earlier TO-218
package because of its isolated mounting hole. It also
provides greater creepage distance between pins to meet
the requirements of most safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 50 V, starting TJ = 25 °C, L = 35 mH, Rg = 25
Ω, IAS = 3.1 A (see fig. 12)
c. ISD
≤ 3.1 A, dI/dt ≤ 80 A/μs, VDD ≤ 600, TJ ≤ 150 °C
d. 1.6 mm from case
PRODUCT SUMMARY
VDS (V)
1000
RDS(on) (
Ω)VGS = 10 V
5.0
Qg (max.) (nC)
80
Qgs (nC)
10
Qgd (nC)
42
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
Available
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFPG30PbF
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
1000
V
Gate-source voltage
VGS
± 20
Continuous drain current
VGS at 10 V
TC = 25 °C
ID
3.1
A
TC = 100 °C
2.0
Pulsed drain current a
IDM
12
Linear derating factor
1.0
W/°C
Single pulse avalanche energy b
EAS
180
mJ
Repetitive avalanche current a
IAR
3.1
A
Repetitive avalanche energy a
EAR
13
mJ
Maximum power dissipation
TC = 25 °C
PD
125
W
Peak diode recovery dV/dt c
dV/dt
1.0
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature)
for 10 s
300 d
Mounting torque
6-32 or M3 screw
10
lbf · in
1.1
N · m


유사한 부품 번호 - IRFPG30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPG30 IRF-IRFPG30 Datasheet
168Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
logo
Vishay Siliconix
IRFPG30 VISHAY-IRFPG30 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
International Rectifier
IRFPG30PBF IRF-IRFPG30PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFPG30PBF VISHAY-IRFPG30PBF Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
More results

유사한 설명 - IRFPG30

제조업체부품명데이터시트상세설명
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com