전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65CML100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SN65CML100 Datasheet

  • # Example questions: ➢ What is the typical maximum propagation delay (tphl) specified for the sn65cml100, and under what termination conditions is this value applicable?
    ➢ What is the function of the vbb pin on the sn65cml100, and what type of signal does it provide?
    ➢ What input voltage conditions result in a high output signal (h) for the sn65cml100 receiver?

  • Part No.SN65CML100
    ManufacturerTI
    Size164 Kbytes
    Pages15 pages
    Description1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
    Datasheet Summary with AI

    # SN65CML100 1.5-Gbps LVDS/LVPECL/CML Translator/Repeater

    ## Features

    ️· Level translation from LVDS/LVPECL to CML, repeating CML to CML.
    ️· Signaling rates up to 1.5 Gbps.
    ️· Compatible with 3.3V, 2.5V, or 1.8V supplies.
    ️· Total jitter < 70 ps.
    ️· Low 100 ps part-to-part skew.
    ️· Wide common-mode receiver capability.
    ️· 25 mV receiver input hysteresis.
    ️· 800 ps maximum propagation delay.
    ️· Available in SOIC and MSOP packages.

    ## Applications

    ️· Level translation.
    ️· 622 MHz central office clock distribution.
    ️· High-speed network routing.
    ️· Wireless basestations.

    ️· Low jitter clock repeater.

    ## Description

    This translator/repeater supports signaling rates up to 1.5 Gbps for high-speed network routing. The CML-compatible output drives 50Ω or 25Ω loads connected to 1.8V, 2.5V, or 3.3V supplies. It's compatible with LVDS, LVPECL and CML signaling. The receiver tolerates a wide common-mode voltage range.

    ## Electrical Characteristics

    ️· Supply Voltage: 3.3V (range: 3 – 3.6V)
    ️· Input Voltage: 0-4V
    ️· Output Voltage: Compatible with VTT (1.7V, 2.5V, 3.3V)
    ️· Propagation Delay: 800ps maximum
    ️· Jitter: < 70ps

    ## Package Options

    ️· SOIC
    ️· MSOP

    # SN65CML100 1.5-Gbps LVDS/LVPECL/CML Translator/Repeater

    ## Features

    ️· Level translation from LVDS/LVPECL to CML, repeating CML to CML.
    ️· Signaling rates up to 1.5 Gbps.
    ️· Compatible with 3.3V, 2.5V, or 1.8V supplies.
    ️· Total jitter < 70 ps.
    ️· Low 100 ps part-to-part skew.
    ️· Wide common-mode receiver capability.
    ️· 25 mV receiver input hysteresis.
    ️· 800 ps maximum propagation delay.
    ️· Available in SOIC and MSOP packages.

    ## Applications

    ️· Level translation.
    ️· 622 MHz central office clock distribution.
    ️· High-speed network routing.
    ️· Wireless basestations.
    ️· Low jitter clock repeater.

    ## Description

    This translator/repeater supports signaling rates up to 1.5 Gbps for high-speed network routing. The CML-compatible output drives 50Ω or 25Ω loads connected to 1.8V, 2.5V, or 3.3V supplies. It's compatible with LVDS, LVPECL and CML signaling. The receiver tolerates a wide common-mode voltage range.

    ## Electrical Characteristics

    ️· Supply Voltage: 3.3V (range: 3 – 3.6V)
    ️· Input Voltage: 0-4V
    ️· Output Voltage: Compatible with VTT (1.7V, 2.5V, 3.3V)
    ️· Propagation Delay: 800ps maximum
    ️· Jitter: < 70ps

    ## Package Options

    ️· SOIC
    ️· MSOP

    Part No.SN65CML100
    ManufacturerTI
    Size164 Kbytes
    Pages15 pages
    Description1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER