전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65CML100 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN65CML100
상세설명  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN65CML100 Datasheet HTML 2Page - Texas Instruments SN65CML100 Datasheet HTML 3Page - Texas Instruments SN65CML100 Datasheet HTML 4Page - Texas Instruments SN65CML100 Datasheet HTML 5Page - Texas Instruments SN65CML100 Datasheet HTML 6Page - Texas Instruments SN65CML100 Datasheet HTML 7Page - Texas Instruments SN65CML100 Datasheet HTML 8Page - Texas Instruments SN65CML100 Datasheet HTML 9Page - Texas Instruments SN65CML100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
6
PARAMETER MEASUREMENT INFORMATION
1.4 V
1 V
tPLH
0.4 V
0 V
VIA
VIB
VID
80%
100%
0%
tPHL
20%
tf
tr
VOY – VOZ
0 V
Y
Z
A
B
VID
1 pF
VIB
VIA
VOY
–0.4 V
VOZ
RT1
RT2
VTT
RT1 = RT2 = RT
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 0.25 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10
± 0.2 ns. CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T.
Measurement equipment provides a bandwidth of 5 GHz minimum.
Figure 4. Timing Test Circuit and Waveforms
PIN ASSIGNMENTS
VCC
Y
Z
GND
8
7
6
5
1
2
3
4
NC
A
B
VBB
D AND DGK PACKAGE
(TOP VIEW)
PIN DESCRIPTIONS
PIN
FUNCTION
A, B
Differential inputs
Y, Z
Differential outputs
VBB
Reference voltage output
VCC
Power supply
GND
Ground
NC
No connect
FUNCTION TABLE
DIFFERENTIAL INPUT
OUTPUTS
VID = VA – VB
Y
Z
VID ≥ 100 mV
H
L
–100 mV < VID < 100 mV
?
?
VID ≤ –100 mV
L
H
Open
?
?
H = high level, L = low level, ? = intermediate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com