전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65CML100 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN65CML100
상세설명  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN65CML100 Datasheet HTML 6Page - Texas Instruments SN65CML100 Datasheet HTML 7Page - Texas Instruments SN65CML100 Datasheet HTML 8Page - Texas Instruments SN65CML100 Datasheet HTML 9Page - Texas Instruments SN65CML100 Datasheet HTML 10Page - Texas Instruments SN65CML100 Datasheet HTML 11Page - Texas Instruments SN65CML100 Datasheet HTML 12Page - Texas Instruments SN65CML100 Datasheet HTML 13Page - Texas Instruments SN65CML100 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 21
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VIC = 1.2 V, VID = 200 mV, VTT = 1.7 V, RT = 50 Ω
Horizoontal Scale = 200 ps/div
Vertical Scale = 500 mV/div
Figure 22
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VIC = 1.2 V, VID = 200 mV, VTT = 1.7 V, RT = 25 Ω
Horizoontal Scale = 200 ps/div
Vertical Scale = 250 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com