전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F051K6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STM32F051K6 Datasheet

  • # Example questions: ➢ Table 36 details characteristics of the hse oscillator. what is the typical startup time with an external crystal?
    ➢ What is the typical maximum current consumption from the vdd supply when vdd = 6v?
    ➢ Refer to table 19, what are the thermal characteristics of the stm32f051x microcontroller?

  • Part No.STM32F051K6
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages104 pages
    DescriptionLow- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
    Datasheet Summary with AI

    ️· Device Overview: It details the core features and capabilities of the STM32F051x8/x9/xA/xB series.
    ️· Pinouts: Includes tables showing pin definitions and alternate functions.
    ️· Electrical Characteristics: Provides detailed specifications for voltage ranges, current consumption (various modes, peripherals), and oscillator characteristics. It also includes information about EMC/EMI and ESD.
    ️· Memory: Describes the Flash memory characteristics (size, endurance, retention).
    ️· Tables: The excerpt predominantly consists of extensive tables detailing specific parameters and limits.

    In essence, it's a technical reference document for engineers and developers working with this specific STM32 microcontroller family. It is used to ensure designs are within the specified operating ranges and meet performance requirements.

    ️· Device Overview: It details the core features and capabilities of the STM32F051x8/x9/xA/xB series.
    ️· Pinouts: Includes tables showing pin definitions and alternate functions.
    ️· Electrical Characteristics: Provides detailed specifications for voltage ranges, current consumption (various modes, peripherals), and oscillator characteristics. It also includes information about EMC/EMI and ESD.
    ️· Memory: Describes the Flash memory characteristics (size, endurance, retention).
    ️· Tables: The excerpt predominantly consists of extensive tables detailing specific parameters and limits.

    In essence, it's a technical reference document for engineers and developers working with this specific STM32 microcontroller family. It is used to ensure designs are within the specified operating ranges and meet performance requirements.

    Part No.STM32F051K6
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages104 pages
    DescriptionLow- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces