| 전자부품 데이터시트 검색엔진 |
|
STM32F051K6 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051K6 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 104 page ![]() Pinouts and pin description STM32F051x 32/105 Doc ID 022265 Rev 3 57 41 28 28 PB5 I/O FT SPI1_MOSI/I2S1_SD, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 58 42 29 29 PB6 I/O FTf I2C1_SCL, USART1_TX, TIM16_CH1N, TSC_G5_IO3 59 43 30 30 PB7 I/O FTf I2C1_SDA, USART1_RX, TIM17_CH1N, TSC_G5_IO4 60 44 31 31 BOOT0 I B Boot memory selection 61 45 - 32 PB8 I/O FTf (3) I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC 62 46 - - PB9 I/O FTf I2C1_SDA, IR_OUT, TIM17_CH1, EVENTOUT 63 47 32 0 VSS S Ground 64 48 1 1 VDD S Digital power supply 1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3 mA), the use of GPIO PC13 to PC15 in output mode is limited: - The speed should not exceed 2 MHz with a maximum load of 30 pF - these GPIOs must not be used as a current sources (e.g. to drive an LED). 2. After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to the Battery backup domain and BKP register description sections in the reference manual. 3. On LQFP32 package, PB2 and PB8 should be treated as unconnected pins (even when they are not available on the package, they are not forced to a defined level by hardware). 4. After reset, these pins are configured as SWDAT and SWCLK alternate functions, and the internal pull-up on SWDAT pin and internal pull-down on SWCLK pin are activated. Table 13. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |