전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F051K6 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 STM32F051K6
상세설명  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K6 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button STM32F051K6 Datasheet HTML 77Page - STMicroelectronics STM32F051K6 Datasheet HTML 78Page - STMicroelectronics STM32F051K6 Datasheet HTML 79Page - STMicroelectronics STM32F051K6 Datasheet HTML 80Page - STMicroelectronics STM32F051K6 Datasheet HTML 81Page - STMicroelectronics STM32F051K6 Datasheet HTML 82Page - STMicroelectronics STM32F051K6 Datasheet HTML 83Page - STMicroelectronics STM32F051K6 Datasheet HTML 84Page - STMicroelectronics STM32F051K6 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Electrical characteristics
STM32F051x
82/105
Doc ID 022265 Rev 3
6.3.17
Comparator characteristics
Table 58.
Comparator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
VDDA
Analog supply voltage
2
-
3.6
V
VIN
Comparator input
voltage range
0-
VDDA
VBG
Scaler input voltage
-
1.2
VSC
Scaler offset voltage
-
±5
±10
mV
tS_SC
Scaler startup time
from power down
--
0.1
ms
tSTART
Comparator startup
time
Startup time to reach propagation delay
specification
-
-
60
µs
tD
Propagation delay for
200 mV step with 100
mV overdrive
Ultra-low power mode
-
2
4.5
µs
Low power mode
-
0.7
1.5
Medium power mode
-
0.3
0.6
High speed power mode
VDDA ≥ 2.7 V
-
50
100
ns
VDDA < 2.7 V
-
100
240
Propagation delay for
full range step with 100
mV overdrive
Ultra-low power mode
-
2
7
µs
Low power mode
-
0.7
2.1
Medium power mode
-
0.3
1.2
High speed power mode
VDDA ≥ 2.7 V
-
90
180
ns
VDDA < 2.7 V
-
110
300
Voffset
Comparator offset error
-
±4
±10
mV
dVoffset/dT
Offset error
temperature coefficient
-18
-
µV/°C
IDD(COMP)
COMP current
consumption
Ultra-low power mode
-
1.2
1.5
µA
Low power mode
-
3
5
Medium power mode
-
10
15
High speed power mode
-
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com