전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL2000UB-10V 데이터시트 (PDF) - Danisense A/S

DL2000UB-10V Datasheet PDF - Danisense A/S
부품명 DL2000UB-10V
다운로드  DL2000UB-10V 다운로드
파일 크기   1017.8 Kbytes
페이지   8 Pages
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S
상세설명 Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 2000A

DL2000UB-10V Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DL2000UB-10V Datasheet PDF - Danisense A/S

부품명 DL2000UB-10V
다운로드  DL2000UB-10V Click to download

파일 크기   1017.8 Kbytes
페이지   8 Pages
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S
상세설명 Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 2000A

DL2000UB-10V 데이터시트 (HTML) - Danisense A/S


DL2000UB-10V 제품 세부 정보

Features
20 ppm linearity
15 ppm offset
10V output in BNC connector @ 2000A
Fluxgate, closed loop compensated technology with
fixed excitation frequency and second harmonic
zero flux detection for best in class accuracy and
stability
Industry standard DSUB 9 pin connection
Green diode for normal operation indication
Full aluminum body for superior EMI shielding and
extended operating temperature range
Aperture 68mm for large cables and bus bars
Applications:
MPS for particles accelerators
Gradient amplifiers for MRI devices
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis
Current calibration purposes




유사한 부품 번호 - DL2000UB-10V

제조업체부품명데이터시트상세설명
logo
Danisense A/S
DL2000UB-1V DANISENSE-DL2000UB-1V Datasheet
1,012Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
More results


유사한 설명 - DL2000UB-10V

제조업체부품명데이터시트상세설명
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DS200ID-CD100 DANISENSE-DS200ID-CD100 Datasheet
480Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200ID-CD1000 DANISENSE-DS200ID-CD1000 Datasheet
490Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-12-14
DS200ID DANISENSE-DS200ID Datasheet
462Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200UB-10V DANISENSE-DS200UB-10V Datasheet
560Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 220A
2022-11-24
DS200UB-1V DANISENSE-DS200UB-1V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 330A
2022-11-24
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com