전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL2000UB-10V 데이터시트(PDF) 3 Page - Danisense A/S

부품명 DL2000UB-10V
상세설명  Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 2000A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S

DL2000UB-10V 데이터시트(HTML) 3 Page - Danisense A/S

  DL2000UB-10V Datasheet HTML 1Page - Danisense A/S DL2000UB-10V Datasheet HTML 2Page - Danisense A/S DL2000UB-10V Datasheet HTML 3Page - Danisense A/S DL2000UB-10V Datasheet HTML 4Page - Danisense A/S DL2000UB-10V Datasheet HTML 5Page - Danisense A/S DL2000UB-10V Datasheet HTML 6Page - Danisense A/S DL2000UB-10V Datasheet HTML 7Page - Danisense A/S DL2000UB-10V Datasheet HTML 8Page - Danisense A/S  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
page 3 - 2022-11-24
Precision – Innovation
www.danisense.com
DL2000UB-10V
Frequency and ambient temperature derating (Fig. 2)
Frequency characteristics (Fig. 3)
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
10Hz
100Hz
1,000Hz
10,000Hz
100,000Hz
Amplitude / Phase
Amplitude (%)
Phase Error (deg)
1
10
100
1000
10000
10Hz
100Hz
1,000Hz
10,000Hz
100,000Hz
1,000,000Hz
Primary Current (Hz)
Maximum primary current Arms
Max current (Arms) 65 deg
Max current (Arms) 45 deg
Max current (Arms) 25 deg



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com