전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL2000UB-10V 데이터시트(PDF) 6 Page - Danisense A/S

부품명 DL2000UB-10V
상세설명  Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 2000A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S

DL2000UB-10V 데이터시트(HTML) 6 Page - Danisense A/S

  DL2000UB-10V Datasheet HTML 1Page - Danisense A/S DL2000UB-10V Datasheet HTML 2Page - Danisense A/S DL2000UB-10V Datasheet HTML 3Page - Danisense A/S DL2000UB-10V Datasheet HTML 4Page - Danisense A/S DL2000UB-10V Datasheet HTML 5Page - Danisense A/S DL2000UB-10V Datasheet HTML 6Page - Danisense A/S DL2000UB-10V Datasheet HTML 7Page - Danisense A/S DL2000UB-10V Datasheet HTML 8Page - Danisense A/S  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
page 6 - 2022-11-24
Precision – Innovation
www.danisense.com
DL2000UB-10V
Positive current direction
Is identified by an arrow on the transducer
body
Mounting instructions
Base plate mounting
4 holes f5.5 x 11
4 x M5 steel screws / 6N.m
Bottom direct mounting
6 holes f4.2 x 7
(after unscrewing the base plate)
6 x M4 steel screw / 4N.m
5
9
4
8
3
7
2
6
1
-Vc
+Vc
Do not use
Do not use
0V
NC
Status
Status
NC
1
2
3
4
5
6
7
8
9
DSUB-9 pinout & BNC connection
50
Ω
Impedance
matching
resistor
0V
1
BNC
10V
When sensor is operating in
normal condition the status
pins are shorted.
Status pin properties.
- Forward direction pin 8 to pin 3
- Maximum forward current 10mA
- Maximum forward voltage 60V
- Maximum reverse voltage 5V



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com