전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH2SP30-E 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 VNH2SP30-E
상세설명  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 2Page - STMicroelectronics VNH2SP30-E Datasheet HTML 3Page - STMicroelectronics VNH2SP30-E Datasheet HTML 4Page - STMicroelectronics VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics VNH2SP30-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
VNH2SP30-E
6/26
ELECTRICAL CHARACTERISTICS (continued)
Table 10. PWM
Table 11. Switching (VCC=13V, RLOAD=0.87Ω)
Table 12. Protection And Diagnostic
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vpwl
PWM Low Level Voltage
1.25
V
Ipwl
PWM Pin Current
Vpw=1.25V
1
µA
Vpwh
PWM High Level Voltage
3.25
V
Ipwh
PWM Pin Current
Vpw=3.25V
10
µA
Vpwhhyst
PWM Hysteresis Voltage
0.5
V
Vpwcl
PWM Clamp Voltage
Ipw = 1 mA
Ipw = -1 mA
VCC+0.3
-6.0
VCC+0.7
-4.5
VCC+1.0
-3.0
V
V
CINPWM
PWM Pin Input
Capacitance
VIN =2.5V
25
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
f
PWM Frequency
0
20
kHz
td(on)
Turn-on Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
td(off)
Turn-off Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
tr
Rise Time
(see fig. 7)
1
1.6
µs
tf
Fall Time
(see fig. 7)
1.2
2.4
µs
tDEL
Delay Time During Change of
Operating Mode
(see fig. 6)
300
600
1800
µs
trr
High Side Free Wheeling
Diode Reverse Recovery Time
(see fig. 9)
110
ns
toff(min)
PWM Minimum off time
9V
<VCC<16V;
-40°C<Tj<150°C;
IOUT=15A
6
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUSD
Undervoltage Shut-down
Undervoltage Reset
4.7
5.5
V
V
VOV
Overvoltage Shut-down
16
19
22
V
ILIM
High-Side Current Limitation
30
50
70
A
VCLP
Total Clamp Voltage
(VCC to GND)
IOUT=15A
43
48
54
V
TTSD
Thermal Shut-down
Temperature
VIN = 3.25 V
150
175
200
°C
TTR
Thermal Reset Temperature
135
°C
THYST
Thermal Hysteresis
7
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com