전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH2SP30-E 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 VNH2SP30-E
상세설명  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30-E Datasheet HTML 22Page - STMicroelectronics VNH2SP30-E Datasheet HTML 23Page - STMicroelectronics VNH2SP30-E Datasheet HTML 24Page - STMicroelectronics VNH2SP30-E Datasheet HTML 25Page - STMicroelectronics VNH2SP30-E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
VNH2SP30-E
PACKAGE MECHANICAL
Table 19. MultiPowerSO-30 Mechanical Data
Figure 44. MultiPowerSO-30 Package Dimensions
Symbol
millimeters
Min.
Typ
Max.
A
2.35
A2
1.85
2.25
A3
0
0.1
B
0.42
0.58
C
0.23
0.32
D
17.1
17.2
17.3
E
18.85
19.15
E1
15.9
16
16.1
e1
F1
5.55
6.05
F2
4.6
5.1
F3
9.6
10.1
L
0.8
1.15
N
10deg
S
0deg
7deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26