전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATECC508A 데이터시트(PDF) 98 Page - Microchip Technology

부품명 ATECC508A
상세설명  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A 데이터시트(HTML) 98 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 94Page - Microchip Technology ATECC508A Datasheet HTML 95Page - Microchip Technology ATECC508A Datasheet HTML 96Page - Microchip Technology ATECC508A Datasheet HTML 97Page - Microchip Technology ATECC508A Datasheet HTML 98Page - Microchip Technology ATECC508A Datasheet HTML 99Page - Microchip Technology ATECC508A Datasheet HTML 100Page - Microchip Technology ATECC508A Datasheet HTML 101Page - Microchip Technology ATECC508A Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-M6B Rev B
8-Lead Plastic Small Outline - Narrow, 3.90 mm (.150 In.) Body [SOIC]
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
R
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN
Atmel Legacy
ATECC508A
Package Drawings
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More