전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL87HTBK 데이터시트(PDF) 4 Page - Lite-On Technology Corporation

부품명 LTL87HTBK
상세설명  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL87HTBK 데이터시트(HTML) 4 Page - Lite-On Technology Corporation

  LTL87HTBK Datasheet HTML 1Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 2Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 3Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 4Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 5Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 6Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 7Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 8Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25
o
C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
65
180
520
mcd
IF = 20mA
Note 1,5
Viewing Angle
1/2
120
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
468
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
470
nm
Note 3
Spectral Line Half-Width
Δλ
25
nm
Forward Voltage
VF
3.5
4.0
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. Iv classification code is marked on each packing bag.
5. The Iv guarantee should be added ±15% tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse
operation.
Part No. : LTL87HTBK
Page :
3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com