전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL87HTBK 데이터시트(PDF) 2 Page - Lite-On Technology Corporation

부품명 LTL87HTBK
상세설명  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL87HTBK 데이터시트(HTML) 2 Page - Lite-On Technology Corporation

  LTL87HTBK Datasheet HTML 1Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 2Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 3Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 4Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 5Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 6Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 7Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 8Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Low power consumption.
* Wide viewing angle.
* Long life-solid state reliability.
Package Dimensions
Part No.
Lens
Source Color
LTL87HTBK
Water Clear
InGaN Blue
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL87HTBK
Page :
1
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com