전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL87HTBK 데이터시트(PDF) 3 Page - Lite-On Technology Corporation

부품명 LTL87HTBK
상세설명  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL87HTBK 데이터시트(HTML) 3 Page - Lite-On Technology Corporation

  LTL87HTBK Datasheet HTML 1Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 2Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 3Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 4Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 5Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 6Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 7Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 8Page - Lite-On Technology Corporation LTL87HTBK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at TA=25
o
C
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Operating Temperature Range
-25
o
C to + 80
o
C
Storage Temperature Range
-30
o
C to + 100
o
C
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
o
C for 5 Seconds
Part No. : LTL87HTBK
Page :
2
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com