전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8285CP-EBZ 데이터시트(PDF) 24 Page - Analog Devices

부품명 AD8285CP-EBZ
상세설명  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8285CP-EBZ 데이터시트(HTML) 24 Page - Analog Devices

Back Button AD8285CP-EBZ Datasheet HTML 20Page - Analog Devices AD8285CP-EBZ Datasheet HTML 21Page - Analog Devices AD8285CP-EBZ Datasheet HTML 22Page - Analog Devices AD8285CP-EBZ Datasheet HTML 23Page - Analog Devices AD8285CP-EBZ Datasheet HTML 24Page - Analog Devices AD8285CP-EBZ Datasheet HTML 25Page - Analog Devices AD8285CP-EBZ Datasheet HTML 26Page - Analog Devices AD8285CP-EBZ Datasheet HTML 27Page - Analog Devices AD8285CP-EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
AD8285
Rev. B | Page 23 of 27
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default
Notes/
Comments
0x0D
FLEX_TEST_IO
User test mode,
00 = off (default),
01 = on, single
alternate,
10 = on, single once,
11 = on, alternate
once
Reset
PN long
gen,
1 = on,
0 = off
(default)
Reset
PN
short
gen,
1 = on,
0 = off
(default)
Output test mode—see Table 10,
0000 = off (default,)
0001 = midscale short,
0010 = +full-scale short,
0011 = −full-scale short,
0100 = checkerboard output,
0101 = PN sequence long,
0110 = PN sequence short,
0111 = one-/zero-word toggle,
1000 = user input,
1001 = 1-bit/0-bit toggle,
1010 = 1× sync,
1011 = one bit high,
1100 = mixed bit frequency (format
determined by the OUTPUT_MODE register)
0x00
When this
register is set,
the test data
is placed on
the output
pins in place
of normal
data (local,
except for PN
sequence).
0x0F
FLEX_CHANNEL_INPU
T
Filter cutoff frequency control,
0000 = 1.3 × 1/4 × fSAMPLECH,
0001 = 1.2 × 1/4 × fSAMPLECH,
0010 = 1.1 × 1/4 × fSAMPLECH,
0011 = 1.0 × 1/4 × fSAMPLECH (default),
0100 = 0.9 × 1/4 × fSAMPLECH,
0101 = 0.8 × 1/4 × fSAMPLECH,
0110 = 0.7 × 1/4 × fSAMPLECH,
0111 = not applicable,
1000 = 1.3 × 1/3 × fSAMPLECH,
1001 = 1.2 × 1/3 × fSAMPLECH,
1010 = 1.1 × 1/3 × fSAMPLECH,
1011 = 1.0 × 1/3 × fSAMPLECH,
1100 = 0.9 × 1/3 × fSAMPLECH,
1101 = 0.8 × 1/3 × fSAMPLECH,
1110 = 0.7 × 1/3 × fSAMPLECH,
1111 = not applicable
X
X
X
X
0x30
Low-pass
filter cutoff
(global).
fSAMPLECH =
ADC sample
rate/ number
of active
channels.
Note that the
absolute
range is
limited to
1.0 MHz to
12.0 MHz.
0x10
FLEX_OFFSET
X
X
6-bit LNA offset adjustment,
00 0000 for LNA bias high,
01 1111 for LNA mid to high,
10 0000 for LNA mid to low (default),
10 0001 for LNA bias low
0x20
LNA force
offset
correction
(local).
0x11
FLEX_GAIN_1
X
X
X
X
X
010 = 16 dB (default),
011 = 22 dB,
100 = 28 dB,
101 = 34 dB
0x02
Total LNA +
PGA gain
adjustment
(local)
0x12
FLEX_BIAS_CURRENT
X
X
X
X
X
X
LNA bias,
00 = high,
01 = mid to high
(default),
10 = mid to low,
11 = low
0x09
LNA bias
current
adjustment
(global).
0x14
FLEX_OUTPUT_MODE
X
X
X
X
X
1 =
output
invert
(local)
0 = offset binary
(default),
1 = twos
complement
(global)
0x00
Configures the
outputs and
the format of
the data.
0x15
FLEX_OUTPUT_
ADJUST
0 =
enable
Data
Bits[11:0],
1 =
disable
Data
Bits[11:0]
X
X
X
Typical output rise
time and fall time,
respectively
00 = 2.6 ns, 3.4 ns
01 = 1.1 ns, 1.6 ns
10 = 0.7 ns, 0.9 ns
11 = 0.7 ns, 0.7 ns
(default)
Typical output drive
strength
00 = 45 mA
01 = 30 mA
10 = 60 mA
11 = 60 mA (default)
0x0F
Used to adjust
output rise
and fall times
and select
output drive
strength,
limiting the
noise added to
the channels
by output
switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com