전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9680 데이터시트(PDF) 197 Page - STMicroelectronics

부품명 L9680
상세설명  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 데이터시트(HTML) 197 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 193Page - STMicroelectronics L9680 Datasheet HTML 194Page - STMicroelectronics L9680 Datasheet HTML 195Page - STMicroelectronics L9680 Datasheet HTML 196Page - STMicroelectronics L9680 Datasheet HTML 197Page - STMicroelectronics L9680 Datasheet HTML 198Page - STMicroelectronics L9680 Datasheet HTML 199Page - STMicroelectronics L9680 Datasheet HTML 200Page - STMicroelectronics L9680 Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 277 page
background image
DocID029257 Rev 1
197/277
L9680
Safing logic
276
12.2
SPI sensor data decoding
Sensor data is regularly communicated with the main microcontroller through multiple SPI
messages. The L9680 monitors SPI traffic on MISO_RS bus. Since not all communications
between sensors and the microcontroller contain data, it is important for the decoder to
properly sort the communications and extract only the targeted data. The solution involves
defining specific masking functions, contained within independent safing records,
programmed by the user. The following figures detail the SPI message decoding methodology
and the ensuing comparisons of valid sensor data to the programmed thresholds.
Figure 51. Safing engine – 32-bit message decoding flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More