전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4539-E/MLSQTP 데이터시트(PDF) 307 Page - Microchip Technology

부품명 PIC18F4539-E/MLSQTP
상세설명  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP 데이터시트(HTML) 307 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 303Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 304Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 305Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 306Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 307Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 308Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 309Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 310Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 305
PIC18FXX39
APPENDIX A: REVISION HISTORY
Revision A (November 2002)
Original data sheet for the PIC18FXX39 family.
APPENDIX B: DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Feature
PIC18F2439
PIC18F2539
PIC18F4439
PIC18F4539
Program Memory (Kbytes)
12
24
12
24
Data Memory (Bytes)
640
1408
640
1408
A/D Channels
5
5
8
8
Parallel Slave Port (PSP)
No
No
Yes
Yes
Package Types
28-pin DIP
28-pin SOIC
28-pin DIP
28-pin SOIC
40-pin DIP
44-pin TQFP
44-pin QFN
40-pin DIP
44-pin TQFP
44-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More