| 전자부품 데이터시트 검색엔진 |
|
PIC18F4539-E/MLSQTP 데이터시트(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/MLSQTP 데이터시트(HTML) 86 Page - Microchip Technology |
|
86 / 322 page ![]() PIC18FXX39 DS30485A-page 84 Preliminary 2002 Microchip Technology Inc. FIGURE 9-2: BLOCK DIAGRAM OF RA4/T0CKI PIN FIGURE 9-3: BLOCK DIAGRAM OF RA6 PIN Data Bus WR TRISA RD PORTA Data Latch TRIS Latch RD TRISA Schmitt Trigger Input Buffer N VSS I/O pin(1) TMR0 Clock Input Q D Q CK Q D Q CK EN QD EN RD LATA WR LATA or PORTA Note 1: I/O pin has protection diode to VSS only. Data Bus Q D Q CK QD EN P N WR LATA WR Data Latch TRIS Latch RD TRISA RD PORTA VSS VDD I/O pin(1) Note 1: I/O pins have protection diodes to VDD and VSS. or PORTA RD LATA ECRA6 or ECRA6 or Enable TTL Input Buffer RCRA6 RCRA6 Enable TRISA Q D Q CK |