전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4539-E/MLSQTP 데이터시트(PDF) 112 Page - Microchip Technology

부품명 PIC18F4539-E/MLSQTP
상세설명  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP 데이터시트(HTML) 112 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 108Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 109Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 110Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 111Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 112Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 113Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 114Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 322 page
background image
PIC18FXX39
DS30485A-page 110
Preliminary
 2002 Microchip Technology Inc.
13.1
Timer3 Operation
Timer3 can operate in one of these modes:
•As a timer
• As a synchronous counter
• As an asynchronous counter
The Operating mode is determined by the clock select
bit, TMR3CS (T3CON<1>). When TMR3CS = 0,
Timer3 increments every instruction cycle. When
TMR3CS = 1, Timer3 increments on every rising edge
of the Timer1 external clock input.
FIGURE 13-1:
TIMER3 BLOCK DIAGRAM
FIGURE 13-2:
TIMER3 BLOCK DIAGRAM CONFIGURED IN 16-BIT READ/WRITE MODE
TMR3H
TMR3L
T3SYNC
TMR3CS
T3CKPS1:T3CKPS0
SLEEP Input
TMR3IF
Overflow
Interrupt
FOSC/4
Internal
Clock
TMR3ON
On/Off
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
Flag bit
T13CKI
Timer3
TMR3L
T3SYNC
TMR3CS
T3CKPS1:T3CKPS0
SLEEP Input
FOSC/4
Internal
Clock
TMR3ON
On/Off
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
TMR3
T13CKI
To Timer1 Clock Input
High Byte
Data Bus<7:0>
8
TMR3H
8
8
8
Read TMR3L
Write TMR3L
Set TMR3IF Flag bit
on Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More