전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPMC 데이터시트(PDF) 59 Page - Cypress Semiconductor

부품명 MB90F548GLSPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLSPMC 데이터시트(HTML) 59 Page - Cypress Semiconductor

Back Button MB90F548GLSPMC Datasheet HTML 55Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 56Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 57Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 58Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 59Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 60Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 61Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 62Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 59 of 70
MB90540G/545G Series
(Continued)
11.5.3 Notes on Using A/D Converter
Select the output impedance value for the external circuit of analog input according to the following conditions, :
 Output impedance values of the external circuit of 15 k
 or lower are recommended.
 When capacitors are connected to external pins, the capacitance of several thousand times the internal capacitor value is
recommended to minimized the effect of voltage distribution between the external capacitor and internal capacitor.
Note : When the output impedance of the external circuit is too high, the sampling period for analog voltages may not be sufficient
(sampling period
4.00 s @machine clock of 16 MHz) .
11.5.4 Error
The smaller the | AVRH
AVRL |, the greater the error would become relatively.
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
AVRL
AVRH
N
+ 1
N
N
− 1
N
− 2
VNT
VNT
V (N + 1) T
VOT
VFST
{1 LSB
× (N − 1) + VOT }
Linearity error
Differential linearity error
Analog input
Analog input
Actual conversion
value
(measured value)
Actual conversion
characteristics
Theoretical
characteristics
(measured value)
Theorential characteristics
Actual conversion value
(measured value)
(measured value)
Acturel conversion
value
Linearity error of
digital output N
[LSB]
VNT
{1 LSB (N 1) V
OT
}
1 LSB
[V]
VFST
V
OT
1022
1 LSB
1 LSB [LSB]
V (N
1
) T
V
NT
1 LSB
Differential linearity error
of digital N
VOT : Voltage at transition of digital output from “000H” to “001H”
VFST : Voltage at transition of digital output from “3FEH” to “3FFH”
3.2 k
Ω Max
30 pF Max
Analog input
Comparator
 Equipment of analog input circuit model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com