전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPMC 데이터시트(PDF) 27 Page - Cypress Semiconductor

부품명 MB90F548GLSPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLSPMC 데이터시트(HTML) 27 Page - Cypress Semiconductor

Back Button MB90F548GLSPMC Datasheet HTML 23Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 24Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 25Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 26Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 27Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 28Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 29Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 30Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 27 of 70
MB90540G/545G Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
3900H
Reload L
PRLL0
R/W
16-bit Programmable Pulse
Generator 0/1
XXXXXXXXB
3901H
Reload H
PRLH0
R/W
XXXXXXXXB
3902H
Reload L
PRLL1
R/W
XXXXXXXXB
3903H
Reload H
PRLH1
R/W
XXXXXXXXB
3904H
Reload L
PRLL2
R/W
16-bit Programmable Pulse
Generator 2/3
XXXXXXXXB
3905H
Reload H
PRLH2
R/W
XXXXXXXXB
3906H
Reload L
PRLL3
R/W
XXXXXXXXB
3907H
Reload H
PRLH3
R/W
XXXXXXXXB
3908H
Reload L
PRLL4
R/W
16-bit Programmable Pulse
Generator 4/5
XXXXXXXXB
3909H
Reload H
PRLH4
R/W
XXXXXXXXB
390AH
Reload L
PRLL5
R/W
XXXXXXXXB
390BH
Reload H
PRLH5
R/W
XXXXXXXXB
390CH
Reload L
PRLL6
R/W
16-bit Programmable Pulse
Generator 6/7
XXXXXXXXB
390DH
Reload H
PRLH6
R/W
XXXXXXXXB
390EH
Reload L
PRLL7
R/W
XXXXXXXXB
390FH
Reload H
PRLH7
R/W
XXXXXXXXB
3910H to 3917H
Reserved
3918H
Input Capture Register 0
IPCP0
R
Input Capture 0/1
XXXXXXXXB
3919H
Input Capture Register 0
IPCP0
R
XXXXXXXXB
391AH
Input Capture Register 1
IPCP1
R
XXXXXXXXB
391BH
Input Capture Register 1
IPCP1
R
XXXXXXXXB
391CH
Input Capture Register 2
IPCP2
R
Input Capture 2/3
XXXXXXXXB
391DH
Input Capture Register 2
IPCP2
R
XXXXXXXXB
391EH
Input Capture Register 3
IPCP3
R
XXXXXXXXB
391FH
Input Capture Register 3
IPCP3
R
XXXXXXXXB
3920H
Input Capture Register 4
IPCP4
R
Input Capture 4/5
XXXXXXXXB
3921H
Input Capture Register 4
IPCP4
R
XXXXXXXXB
3922H
Input Capture Register 5
IPCP5
R
XXXXXXXXB
3923H
Input Capture Register 5
IPCP5
R
XXXXXXXXB
3924H
Input Capture Register 6
IPCP6
R
Input Capture 6/7
XXXXXXXXB
3925H
Input Capture Register 6
IPCP6
R
XXXXXXXXB
3926H
Input Capture Register 7
IPCP7
R
XXXXXXXXB
3927H
Input Capture Register 7
IPCP7
R
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com