전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPMC 데이터시트(PDF) 61 Page - Cypress Semiconductor

부품명 MB90F548GLSPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLSPMC 데이터시트(HTML) 61 Page - Cypress Semiconductor

Back Button MB90F548GLSPMC Datasheet HTML 57Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 58Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 59Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 60Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 61Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 62Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 63Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 64Page - Cypress Semiconductor MB90F548GLSPMC Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 61 of 70
MB90540G/545G Series
12. Example Characteristics
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
-10
-8
-6
-4
-2
IOH [mA]
VOH – IOH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
10
8
6
4
2
IOL [mA]
VOL – IOL
(VCC = 4.5 V, Ta = +25˚C)
(VCC = 4.5 V,Ta = +25˚C)
5
4
3
2
1
0
3
5.5
5
4.5
4
3.5
Vin – Vcc
6
6.5
VIH
VIL
(Ta = +25˚C)
“H” level output voltage
 “H” level input voltage/ “L” level input voltage
(Hysterisis inpiut)
“L” level output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com