전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34F 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 BPW34F
상세설명  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34F 데이터시트(HTML) 1 Page - OSRAM GmbH

  BPW34F Datasheet HTML 1Page - OSRAM GmbH BPW34F Datasheet HTML 2Page - OSRAM GmbH BPW34F Datasheet HTML 3Page - OSRAM GmbH BPW34F Datasheet HTML 4Page - OSRAM GmbH BPW34F Datasheet HTML 5Page - OSRAM GmbH BPW34F Datasheet HTML 6Page - OSRAM GmbH BPW34F Datasheet HTML 7Page - OSRAM GmbH BPW34F Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-04-06
1
2016-04-06
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.5
BPW 34 F
Ordering Information
Features:
Especially suitable for the wavelength range of 780 nm to 1100 nm
Short switching time (typ. 20 ns)
DIL plastic package with high packing density
Applications
IR remote control of hi-fi and TV sets, dimmers, remote controls of various equipment
Photointerrupters
Type:
Photocurrent
Ordering Code
IP [µA]
λ = 950 nm, Ee = 1 mW/cm
2,
VR = 5 V
BPW 34 F
50 (≥ 40)
Q62702P0929


유사한 부품 번호 - BPW34F

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BPW34FA OSRAM-BPW34FA Datasheet
74Kb / 6P
Si-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA OSRAM-BPW34FA Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter
logo
Siemens Semiconductor G...
BPW34FAS SIEMENS-BPW34FAS Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
More results

유사한 설명 - BPW34F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com