전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34F 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 BPW34F
상세설명  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34F 데이터시트(HTML) 2 Page - OSRAM GmbH

  BPW34F Datasheet HTML 1Page - OSRAM GmbH BPW34F Datasheet HTML 2Page - OSRAM GmbH BPW34F Datasheet HTML 3Page - OSRAM GmbH BPW34F Datasheet HTML 4Page - OSRAM GmbH BPW34F Datasheet HTML 5Page - OSRAM GmbH BPW34F Datasheet HTML 6Page - OSRAM GmbH BPW34F Datasheet HTML 7Page - OSRAM GmbH BPW34F Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2016-04-06
2
Version 1.5
BPW 34 F
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
16
V
Reverse voltage
(t < 2 min)
V
R
32
V
Total Power dissipation
P
tot
150
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Photocurrent
(typ (min))
IP
50 (≥ 40)
µA
Wavelength of max. sensitivity
(typ)
λS max
950
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 780
... 1100
nm
Radiant sensitive area
(typ)
A
7.02
mm2
Dimensions of radiant sensitive area
(typ)
L x W
2.65 x 2.65
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 10 V)
(typ (max)) IR
2 (≤ 30)
nA
Spectral sensitivity of the chip
(λ = 950 nm)
(typ)
Sλ typ
0.7
A / W
Quantum yield of the chip
(λ = 950 nm)
(typ)
η
0.91
Electro
ns
/Photon
Open-circuit voltage
(Ee = 0.5 mW/cm
2, λ = 950 nm)
(typ (min))
VO
330 (≥ 275)
mV
Short-circuit current
(E
e = 0.5 mW/cm
2, λ = 950 nm)
(typ)
ISC
25
µA
Rise and fall time
(V
R = 5 V, RL = 50 Ω, λ = 850 nm, IP = 800 µA)
(typ)
t
r, tf
0.02
µs
Forward voltage
(IF = 100 mA, E = 0)
(typ)
V
F
1.3
V
Capacitance
(VR = 0 V, f = 1 MHz, E = 0)
(typ)
C0
72
pF
Temperature coefficient of VO
(typ)
TCV
-2.6
mV / K



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com