전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34F 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 BPW34F
상세설명  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34F 데이터시트(HTML) 4 Page - OSRAM GmbH

  BPW34F Datasheet HTML 1Page - OSRAM GmbH BPW34F Datasheet HTML 2Page - OSRAM GmbH BPW34F Datasheet HTML 3Page - OSRAM GmbH BPW34F Datasheet HTML 4Page - OSRAM GmbH BPW34F Datasheet HTML 5Page - OSRAM GmbH BPW34F Datasheet HTML 6Page - OSRAM GmbH BPW34F Datasheet HTML 7Page - OSRAM GmbH BPW34F Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2016-04-06
4
Version 1.5
BPW 34 F
Power Consumption
Ptot = f(TA)
Dark Current 1) page 7
IR = f(VR), E = 0
Capacitance 1) page 7
C = f(VR), f = 1 MHz, E = 0
Dark Current 1) page 7
IR = f(TA), VR = 10 V, E = 0
T
OHF00394
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100
OHF05717
A
T
10
-1
˚C
0
20
40
60
80
100
R
I
nA
10
0
10
1
10
2
10
3
10
4



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com