전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS43L36 데이터시트(PDF) 31 Page - Cirrus Logic

부품명 CS43L36
상세설명  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 데이터시트(HTML) 31 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
DS1081F3
31
CS43L36
4.4 Clocking Architecture
4.00
1
00
0x2D
0x28 8CE7
11
0x10
11.2896
90
1
1
00
0x30
0x00 0000
11
0x10
12
96
1
1
00
0x30
0x00 0000
01
0x10
12.288
98
1
4.096
1
00
0x2B
0x11 0000
01
0x10
11.2896
88
1
1
00
0x2E
0xE0 0000
11
0x10
12
94
1
1
00
0x30
0x00 0000
11
0x10
12.288
96
1
5.6448
1
01
0x40
0x00 0000
11
0x10
11.2896
128
1
1
01
0x40
0x00 0000
11
0x08
22.5792
128
2
6
1
01
0x3C
0x36 1134
11
0x10
11.2896
120
1
1
01
0x40
0x00 0000
11
0x10
12
128
1
1
01
0x40
0x00 0000
01
0x10
12.288
131
1
1
01
0x40
0x00 0000
11
0x08
24
128
2
1
01
0x40
0x00 0000
01
0x08
24.576
131
2
6.144
1
01
0x39
0x6C 0000
01
0x10
11.2896
118
1
1
01
0x3E
0x80 0000
11
0x10
12
125
1
1
01
0x40
0x00 0000
11
0x10
12.288
128
1
1
01
0x3E
0x80 0000
11
0x08
24
125
2
1
01
0x40
0x00 0000
11
0x08
24.576
128
2
9.6
1
10
0x49
0x80 0000
01
0x10
11.2896
150
1
1
10
0x50
0x00 0000
11
0x10
12
80
2
1
10
0x50
0x00 0000
01
0x10
12.288
82
2
1
10
0x49
0x80 0000
01
0x08
22.5792
150
2
1
10
0x50
0x00 0000
11
0x08
24
107
3
1
10
0x50
0x00 0000
01
0x08
24.576
109
3
11.2896
0
—
—
—
—
—
11.2896
—
—
1
10
0x40
0x00 0000
11
0x08
22.5792
128
2
12
1
10
0x3C
0x36 1134
11
0x10
11.2896
120
1
0
—
—
—
—
—
12.0000
—
—
1
10
0x40
0x00 0000
01
0x10
12.288
131
1
1
10
0x40
0x00 0000
11
0x08
24
128
2
1
10
0x40
0x00 0000
01
0x08
24.576
131
2
12.2880
1
10
0x39
0x6C 0000
01
0x10
11.2896
118
1
1
10
0x3E
0x80 0000
11
0x10
12
125
1
0
—
—
—
—
—
12.2880
—
—
1
10
0x3E
0x80 0000
11
0x08
24
125
2
1
10
0x40
0x00 0000
11
0x08
24.576
128
2
13
1
10
0x39
0xAB 52B5
01
0x11
11.2896
111
1
1
10
0x3B
0x13 B13B
11
0x10
12
118
1
1
10
0x3B
0x13 B13B
01
0x10
12.288
121
1
19.2
1
11
0x49
0x80 0000
01
0x10
11.2896
150
1
1
11
0x50
0x00 0000
11
0x10
12
80
2
1
11
0x50
0x00 0000
01
0x10
12.288
82
2
1
11
0x49
0x80 0000
01
0x08
22.5792
150
2
1
11
0x50
0x00 0000
11
0x08
24
107
3
1
11
0x50
0x00 0000
01
0x08
24.576
109
3
22.5792
1
11
0x40
0x00 0000
11
0x10
11.2896
128
1
0
—
—
—
—
—
22.5792
—
—
24
1
11
0x3C
0x36 1134
11
0x10
11.2896
120
1
1
11
0x40
0x00 0000
11
0x10
12
128
1
1
11
0x40
0x00 0000
01
0x10
12.288
131
1
0
—
—
—
—
—
24
—
—
1
11
0x40
0x00 0000
01
0x08
24.576
131
2
24.576
1
11
0x39
0x6C 0000
01
0x10
11.2896
118
1
1
11
0x3E
0x80 0000
11
0x10
12
125
1
1
11
0x40
0x00 0000
11
0x10
12.288
128
1
1
11
0x3E
0x80 0000
11
0x08
24
125
2
0
—
—
—
—
—
24.576
—
—
Table 4-4. Common PLL Setting Examples (Cont.)
SCLK
(MHz)
MCLK_SRC_SEL
(see p. 64) 1
SCLK_PREDIV
(see p. 66) 2
PLL_DIV_INT
(see p. 72)
PLL_DIV_FRAC
(see p. 72) 2
PLL_MODE
(see p. 72)
PLL_DIVOUT
(see p. 72) 3
MCLKINT
(MHz)
PLL_CAL_RATIO
(see p. 72)
n [4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89