전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAG6SP 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LAG6SP
상세설명  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP 데이터시트(HTML) 1 Page - OSRAM GmbH

  LAG6SP Datasheet HTML 1Page - OSRAM GmbH LAG6SP Datasheet HTML 2Page - OSRAM GmbH LAG6SP Datasheet HTML 3Page - OSRAM GmbH LAG6SP Datasheet HTML 4Page - OSRAM GmbH LAG6SP Datasheet HTML 5Page - OSRAM GmbH LAG6SP Datasheet HTML 6Page - OSRAM GmbH LAG6SP Datasheet HTML 7Page - OSRAM GmbH LAG6SP Datasheet HTML 8Page - OSRAM GmbH LAG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2016-07-13
1
2016-07-13
Advanced Power TOPLED
Datasheet
Version 1.4
LA G6SP - Dual Binning
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Optical efficiency (typ.): 84 lm/W (amber)
•
Optischer Wirkungsgrad (typ.): 84 lm/W
(amber)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Signaling
•
Signalanlagen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen


유사한 부품 번호 - LAG6SP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LAG6SP OSRAM-LAG6SP Datasheet
1Mb / 22P
Advanced Power TOPLED
LAG6SP-CBEA-24-1 OSRAM-LAG6SP-CBEA-24-1 Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LAG6SP-DAFA-24-1 OSRAM-LAG6SP-DAFA-24-1 Datasheet
623Kb / 21P
white SMT package, colorless clear
LAG6SP-DAFA-24-1 OSRAM-LAG6SP-DAFA-24-1 Datasheet
1Mb / 22P
Advanced Power TOPLED
More results

유사한 설명 - LAG6SP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com