전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAG6SP 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LAG6SP
상세설명  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP 데이터시트(HTML) 5 Page - OSRAM GmbH

  LAG6SP Datasheet HTML 1Page - OSRAM GmbH LAG6SP Datasheet HTML 2Page - OSRAM GmbH LAG6SP Datasheet HTML 3Page - OSRAM GmbH LAG6SP Datasheet HTML 4Page - OSRAM GmbH LAG6SP Datasheet HTML 5Page - OSRAM GmbH LAG6SP Datasheet HTML 6Page - OSRAM GmbH LAG6SP Datasheet HTML 7Page - OSRAM GmbH LAG6SP Datasheet HTML 8Page - OSRAM GmbH LAG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.4
LA G6SP - Dual Binning
2016-07-13
5
Brightness Groups (IF = 140 mA)
Helligkeitsgruppen
Forward Voltage Groups (I
F = 10 mA)
4) page 20
Durchlassspannungsgruppen 4) Seite 20
Forward Voltage Groups (IF = 140 mA)
4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups (I
F = 10 mA)
3) page 20
Dominant Wellenlängengruppen
3) Seite 20
Group
Luminous Intensity
1) page 20
Luminous Intensity
1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
DB
5600
7100
19900
EA
7100
9000
25300
EB
9000
11200
31700
FA
11200
14000
39600
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual
brightness groups of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine
Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
2A
1.60
1.75
2B
1.75
1.90
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3A
1.90
2.05
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
611
624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com