전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRG6SP 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 LRG6SP
상세설명  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button LRG6SP_18 Datasheet HTML 5Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 6Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 7Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 8Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 9Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 10Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 11Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 12Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LR G6SP
9 Version 1.2 | 2018-02-13
LR G6SP
-40-20
020406080
100
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Iv
Iv(25°C)
:red
Relative Luminous Intensity 6)
I
v/Iv(25 °C) = f(Tj); IF = 140 mA
LR G6SP
-40-20
020406080
100
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF [V]
:red
Forward Voltage 6)
∆
V
F = VF - VF(25 °C) = f(Tj); IF = 140 mA
LR G6SP
-40-20
020406080
100
Tj [°C]
-8
-6
-4
-2
0
2
4
6
8
∆λ dom [nm]
:red
Dominant Wavelength 6)
∆λ
dom = λdom - λdom(25 °C) = f(Tj); IF = 140 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com