전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRG6SP 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LRG6SP
상세설명  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP 데이터시트(HTML) 3 Page - OSRAM GmbH

  LRG6SP_18 Datasheet HTML 1Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 2Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 3Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 4Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 5Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 6Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 7Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 8Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LR G6SP
3 Version 1.2 | 2018-02-13
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
110 °C
Storage Temperature
T
stg
min.
max.
-40 °C
110 °C
Junction Temperature
T
j
max.
125 °C
Junction Temperature for short time applications*
T
j
max.
150 °C
Forward current
T
S = 25 °C
I
F
min.
max.
30 mA
200 mA
Surge Current
t ≤ 10 µs; D = 0.005 ; T
S = 25 °C
I
FS
max.
1000 mA
Reverse voltage 2)
T
S = 25 °C
V
R
max.
12 V
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
2kV
*The median lifetime (L70/B50) for Tj =150°C is 100h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com