전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRG6SP 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LRG6SP
상세설명  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP 데이터시트(HTML) 5 Page - OSRAM GmbH

  LRG6SP_18 Datasheet HTML 1Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 2Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 3Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 4Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 5Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 6Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 7Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 8Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LR G6SP
5 Version 1.2 | 2018-02-13
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 140 mA
I
F = 140 mA
I
F = 140 mA
min.
max.
typ.
I
v
I
v
Φ
V
CB
3.55 cd
4.50 cd
12.10 lm
DA
4.50 cd
5.60 cd
15.10 lm
DB
5.60 cd
7.10 cd
19.00 lm
EA
7.10 cd
9.00 cd
24.20 lm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 140 mA
I
F = 140 mA
min.
max.
V
F
V
F
3A
1.90 V
2.05 V
3B
2.05 V
2.20 V
4A
2.20 V
2.35 V
4B
2.35 V
2.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com