전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4881 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4881
상세설명  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4881 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4881 Datasheet HTML 1Page - OSRAM GmbH SFH-4881 Datasheet HTML 2Page - OSRAM GmbH SFH-4881 Datasheet HTML 3Page - OSRAM GmbH SFH-4881 Datasheet HTML 4Page - OSRAM GmbH SFH-4881 Datasheet HTML 5Page - OSRAM GmbH SFH-4881 Datasheet HTML 6Page - OSRAM GmbH SFH-4881 Datasheet HTML 7Page - OSRAM GmbH SFH-4881 Datasheet HTML 8Page - OSRAM GmbH SFH-4881 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2008-02-25
1
2008-02-25
Infrared Emitter (880 nm) in TO-46 Package
IR-Lumineszenzdiode (880 nm) im TO-46-Gehäuse
Version 1.0
SFH 4881
SFH 4881
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Fabricated in a liquid phase epitaxy process
• Hergestellt im Schmelzepitaxieverfahren
• Anode is electrically connected to the case
• Anode galvanisch mit dem Gehäuseboden
verbunden
• High reliability
• Hohe Zuverlässigkeit
• Matches all Si-Photodetectors
• Gute spektrale Anpassung an Si-Fotoempfänger
• Hermetically sealed package
• Hermetisch dichtes Metallgehäuse
Applications
Anwendungen
• Photointerrupters
• Lichtschranken
• IR remote control
• IR-Gerätefernsteuerung
•Sensor technology
• Sensorik
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF= 100 mA, tp= 20 ms
Ie [mW/sr]
SFH 4881
72 ( 40)
Q62702P5302


유사한 부품 번호 - SFH-4881

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
Infrared Emitter (880 nm) in TO-46 Package
More results

유사한 설명 - SFH-4881

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
GaAIAs Infrared Emitter (880 nm)
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
Infrared Emitter (880 nm) in TO-46 Package
SFH-7222 OSRAM-SFH-7222 Datasheet
298Kb / 16P
GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com