전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4881 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH-4881
상세설명  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4881 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH-4881 Datasheet HTML 1Page - OSRAM GmbH SFH-4881 Datasheet HTML 2Page - OSRAM GmbH SFH-4881 Datasheet HTML 3Page - OSRAM GmbH SFH-4881 Datasheet HTML 4Page - OSRAM GmbH SFH-4881 Datasheet HTML 5Page - OSRAM GmbH SFH-4881 Datasheet HTML 6Page - OSRAM GmbH SFH-4881 Datasheet HTML 7Page - OSRAM GmbH SFH-4881 Datasheet HTML 8Page - OSRAM GmbH SFH-4881 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2008-02-25
2
Version 1.0
SFH 4881
Maximum Ratings (TC = 25 °C)
Grenzwerte
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
200
mA
Surge current
Stoßstrom
(tp 10 s, D = 0.01)
IFSM
2.5
A
Total power dissipation
Verlustleistung
Ptot
470
mW
Thermal resistance junction - ambient
Wärmewiderstand Sperrschicht - Umgebung
RthJA
450
K / W
Thermal resistance junction - case
Wärmewiderstand Sperrschicht - Gehäuse
RthJC
160
K / W
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 100 mA, tp = 20 ms)
peak
880
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 100 mA, tp = 20 ms)
80
nm
Half angle
Halbwinkel
± 5
°
Active chip area
Aktive Chipfläche
A0.16
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.4 x 0.4
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 )
tr, tf
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com