전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4881 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 SFH-4881
상세설명  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4881 데이터시트(HTML) 5 Page - OSRAM GmbH

  SFH-4881 Datasheet HTML 1Page - OSRAM GmbH SFH-4881 Datasheet HTML 2Page - OSRAM GmbH SFH-4881 Datasheet HTML 3Page - OSRAM GmbH SFH-4881 Datasheet HTML 4Page - OSRAM GmbH SFH-4881 Datasheet HTML 5Page - OSRAM GmbH SFH-4881 Datasheet HTML 6Page - OSRAM GmbH SFH-4881 Datasheet HTML 7Page - OSRAM GmbH SFH-4881 Datasheet HTML 8Page - OSRAM GmbH SFH-4881 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Version 1.0
SFH 4881
2008-02-25
5
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF, max = f(TA, TC)
Forward Current
Durchlassstrom
IF = f(VF), single pulse, tp = 100 μs, TA= 25°C
40
20
0
0
100
80
60
˚C
T
I
F
mA
OHF03900
A
thJC
R
= 160 K/W
40
80
120
160
200
240
,
T
C
= 450 K/W
thJA
R
10
OHR01173
F
V
-3
-2
10
-1
10
0
10
1
10
0
A
Ι
F
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com