전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 ISL9301IRZ
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9301IRZ 데이터시트(HTML) 3 Page - Renesas Technology Corp

  ISL9301IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL9301
FN6435 Rev 3.00
Page 3 of 12
September 21, 2011
Trickle Charge Current
ITRK
RIREF = 26.7k, VBAT = 2.4V
17
23
30
mA
End-of-Charge Current
IMIN
RIMIN = 137k
18
23
28
mA
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold
Voltage
VMIN
2.7
2.8
3.0
V
Preconditioning Voltage Hysteresis
VMINHYS
40
100
150
mV
INTERNAL TEMPERATURE MONITORING (Note 8)
Charger Current Thermal Foldback
Threshold
TFOLD
-115
-
°C
OVER-TEMPERATURE PROTECTION (Note 8)
Shutdown Rising Threshold
TR
-142
-
°C
Shutdown Falling Threshold
TF
-110
-
°C
OSCILLATOR PERIOD
Oscillator Period
tOSC
RTIME = 1M
60
75
90
µs
LOGIC INPUT AND OUTPUTS
BATON Pin Logic Input High
VBAT < 4.5V
1.1
-
-
V
BATON Pin Logic Input Low
VBAT > 2V
-
-
0.4
V
BAT Pin Internal Pull-Down
Resistance
800
1000
1200
k
PPR, CHG
Driving Capability when LOW
Pin Voltage = 1V
10
-
-
mA
Leakage Current When HIGH
Pin Voltage = 6.5V
-
-
1
µA
NOTES:
6. The 4.0V VBAT is selected so that the CHG output can be used as the indication for the offset comparator output indication. If the VBAT is lower
than the POR threshold, no output pin can be used for indication.
7. The input current charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
8. Limits established by characterization and are not production tested.
Electrical Specifications
Typical values are tested at VIN = 5V and the ambient temperature at +25°C. Range. VSUPPLY = ±5V, AV = +1,
RL = 100; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com