전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ISL9301IRZ
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9301IRZ 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9301IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FN6435 Rev 3.00
Page 10 of 12
September 21, 2011
ISL9301
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2008-2011. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
VOUT is regulated at 4.5V, the charger is ON, delivering a
trickle charge current.
The IC moves to a fast charge constant current mode when
VBAT reaches the VMIN threshold. There are 3 possible
states in this mode depending on the output current. When
the sum of the output current and the fast charge current is
smaller than the input current limit, the IC enters the Fast
Charge state with the charge current set by RIREF. When the
output current and the fast charge current are greater than
the input current limit, the IC will enter the PPM mode, where
the charging current is reduced to a point such that the sum
of output current and the charging current equals to the input
current limit. If the output current by itself is greater than the
input current limit, the IC enters the Battery Discharge state,
where the battery is discharged to the system to supply a
part of the output demand.
When the battery voltage reaches 4.2V, the IC enters the CV
Charge state, where PPR is LO, CHG is LO and VOUT is
regulated at 4.5V. The battery is being charged at a constant
voltage while the charging current decreases.
When the charging current is reduced to the IMIN threshold,
the IC enters a Charge Complete state, where PPR is LO,
CHG is HI, VOUT is regulated at 4.5V and the charger
continues to charge the battery.
When the timeout interval has elapsed after the Charge
Complete state, the IC will enter the Disabled state, where
the PPR is LO, CHG is HI, VOUT is regulated at 4.5V and the
charger is OFF. After the Charge Complete state, if VBAT is
below the re-charge threshold, the IC will re-initialize and
start a new cycle.
If the timeout limit is reached before the Charge Complete
state, the IC enters the Charger Fault state, where PPR is
LO, CHG is blinking, VOUT is regulated at 4.5V and the
charger is OFF. This state is latched until the input power is
removed and re-applied to start a new cycle.
Any time during the operation, if the die temperature reaches
the OTP threshold, the IC will enter the OTP state, where
PPR is LO, CHG is HI, and the charger is OFF. VOUT is
disconnected from VIN and connected to VBAT internally to
maintain system power need.
Summary of Output States
The output states under various fault conditions are
summarized in Table 1.
TABLE 1. OUTPUT STATES UNDER FAULT CONDITIONS
OTP
OVP
BATON
M1
M2
Y
Y
H
OFF
ON
Y
N
H
OFF
ON
N
Y
H
OFF
ON
Y
Y
L
OFF
OFF
Y
N
L
OFF
OFF
N
Y
L
OFF
OFF
N
N
X
Regulating
Charging
NOTES:
1. BATON: BATON Pin
2. OVP: Input Overvoltage Protection
3. OTP: Over-Temperature Protection
4. M1: Output Path MOSFET
5. M2: Battery Path MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com