전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 ISL9301IRZ
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9301IRZ 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9301IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9301IRZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL9301
FN6435 Rev 3.00
Page 6 of 12
September 21, 2011
Typical Application Circuit
Theory of Operation
When a valid input voltage is applied at VIN, the ISL9301
first regulates VOUT at 4.5V for system power need. In the
mean time, if the battery is attached, the ISL9301 also
charges the battery while supplying current to the system.
When the system exceeds the maximum available current,
either limited by the IC or by the input power supply, the
charger FET is operated in a reverse mode, i.e. it discharges
current to the system instead of charging.
The charger function is similar to other Li-ion battery
chargers, i.e. it charges the battery at a constant current
(CC) or a constant voltage (CV) depending on the battery
terminal voltage. The constant current IREF is set with the
external resistor RIREF, as shown in the “Typical Application
Circuit” on page 6. The constant voltage is fixed at 4.2V. If
the battery voltage is below a typical 2.8V trickle charge
threshold, the ISL9301 charges the battery with a trickle
current (~16% of the programmed constant current) until the
battery voltage rises above the trickle charge threshold.
When the battery voltage reaches the final voltage of 4.2V,
the charger enters the CV mode and regulates the battery
voltage at 4.2V to fully charge the battery without the risk of
overcharging. Upon reaching an end-of-charge (EOC)
current, the charger indicates the charge completion with the
CHG pin, but the charger continues to deliver 4.2V at the
VBAT pin until the timeout limit has reached. Figure 1 shows
the typical charge profile with the EOC/reset events.
The EOC current level IMIN is programmable with the
external resistor RIMIN. The CHG signal turns to LO when
the trickle charge starts and rises to HIGH at an EOC event.
After the EOC is reached, the CHG status is latched at HI.
The CHG status will be reset to logic LO when the VBAT
voltage drops to below the recharge threshold (4.05V), as
shown in Figure 1.
A thermal foldback function reduces the charge current
anytime when the die temperature reaches typically +115°C.
This function guarantees safe operation when the
printed-circuit board (PCB) is not capable of dissipating the
heat generated by the linear charger.
ISL9301
VIN
VBAT
VOUT
IREF
IMIN
CHG
TIME
TO SYS
INPUT
PPR
RTIME
RIMIN
RIREF
R1
R2
D2
D1
GND
BATON
TO µP
PRESS AND HOLD 2s TO TURN ON
C1
C2
C3
BATT
R3
PART
DESCRIPTION
C1
10µF X5R ceramic capacitor
C2
1µF X5R ceramic capacitor
C3
4.7µF X5R ceramic capacitor
R3
1
, 5% resistor
RIREF
26.7k
, 1%, for 150mA charge current
RIMIN
137k
, 1%, for 23mA EOC current
RTIME
1M
, 1% resistor for 75µs clock period
R1, R2
470
, 5% resistor
D1, D2
LEDs for indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com