전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP14414 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 FP14414
상세설명  ~45째 x 20째 oval beam. 7.13 mm high variant with location pin installation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP14414 데이터시트(HTML) 1 Page - Ledil, Inc.

  FP14414 Datasheet HTML 1Page - Ledil, Inc. FP14414 Datasheet HTML 2Page - Ledil, Inc. FP14414 Datasheet HTML 3Page - Ledil, Inc. FP14414 Datasheet HTML 4Page - Ledil, Inc. FP14414 Datasheet HTML 5Page - Ledil, Inc. FP14414 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP14414_LISA2-O-PIN
LISA2-O-PIN
~45° x 20° oval beam. 7.13 mm high variant with
location pin installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10 mm
Height
6.8 mm
Fastening
pin
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA2-O
Lens
PMMA
clear
LISA2-HLD-PIN
Holder
PC
black
Last update: 28/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - FP14414

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP14415 LEDIL-FP14415 Datasheet
5Mb / 5P
~45째 x 20째 oval beam optimized for CREE XP-E. 7.13 mm high variant with clip installation.
More results

유사한 설명 - FP14414

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP10992 LEDIL-FP10992 Datasheet
6Mb / 5P
~20째 medium beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11120 LEDIL-FP11120 Datasheet
3Mb / 5P
~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11122 LEDIL-FP11122 Datasheet
4Mb / 6P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11124 LEDIL-FP11124 Datasheet
3Mb / 5P
~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11126 LEDIL-FP11126 Datasheet
4Mb / 5P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP14415 LEDIL-FP14415 Datasheet
5Mb / 5P
~45째 x 20째 oval beam optimized for CREE XP-E. 7.13 mm high variant with clip installation.
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
FP16561 LEDIL-FP16561 Datasheet
2Mb / 8P
~45째 wide beam with location pin installation
FP11125 LEDIL-FP11125 Datasheet
2Mb / 7P
~45째 x 20째 oval beam
C13871 LEDIL-C13871 Datasheet
2Mb / 6P
~45째 20째 oval beam
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com