전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP14414 데이터시트(PDF) 3 Page - Ledil, Inc.

부품명 FP14414
상세설명  ~45째 x 20째 oval beam. 7.13 mm high variant with location pin installation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP14414 데이터시트(HTML) 3 Page - Ledil, Inc.

  FP14414 Datasheet HTML 1Page - Ledil, Inc. FP14414 Datasheet HTML 2Page - Ledil, Inc. FP14414 Datasheet HTML 3Page - Ledil, Inc. FP14414 Datasheet HTML 4Page - Ledil, Inc. FP14414 Datasheet HTML 5Page - Ledil, Inc. FP14414 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
DATASHEET
FP14414_LISA2-O-PIN
PHOTOMETRIC DATA (MEASURED):
LED
XP-E2
FWHM
48.0 + 16.0°
Efficiency
81 %
Peak intensity
2.500 cd/lm
Required components:
LED
XP-G2
FWHM
44.0 + 23.0°
Efficiency
81 %
Peak intensity
1.930 cd/lm
Required components:
LED
XP-G3
FWHM
45.0 + 26.0°
Efficiency
75 %
Peak intensity
1.500 cd/lm
Required components:
LED
NCSxx19B
FWHM
49.0 + 21.0°
Efficiency
77 %
Peak intensity
1.800 cd/lm
Required components:
Last update: 28/05/2018
Subject to change without prior notice
3/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com