전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP14414 데이터시트(PDF) 5 Page - Ledil, Inc.

부품명 FP14414
상세설명  ~45째 x 20째 oval beam. 7.13 mm high variant with location pin installation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP14414 데이터시트(HTML) 5 Page - Ledil, Inc.

  FP14414 Datasheet HTML 1Page - Ledil, Inc. FP14414 Datasheet HTML 2Page - Ledil, Inc. FP14414 Datasheet HTML 3Page - Ledil, Inc. FP14414 Datasheet HTML 4Page - Ledil, Inc. FP14414 Datasheet HTML 5Page - Ledil, Inc. FP14414 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT
DATASHEET
FP14414_LISA2-O-PIN
PHOTOMETRIC DATA (SIMULATED):
LED
XP-G3
FWHM
38.0 + 25.0°
Efficiency
78 %
Peak intensity
1.800 cd/lm
Required components:
LED
XQ-E HI
FWHM
43.0 + 13.0°
Efficiency
86 %
Peak intensity
3.630 cd/lm
Required components:
LED
LUXEON IR Compact
FWHM
41.0 + 15.0°
Efficiency
77 %
Peak intensity
0.000 cd/lm
Required components:
LED
Z8Y22P
FWHM
40.0 + 25.0°
Efficiency
75 %
Peak intensity
1.680 cd/lm
Required components:
Last update: 28/05/2018
Subject to change without prior notice
5/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com