| 전자부품 데이터시트 검색엔진 |
|
AT89C51ED2-RDTIM 데이터시트(PDF) 120 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51ED2-RDTIM 데이터시트(HTML) 120 Page - ATMEL Corporation |
|
120 / 137 page ![]() 120 AT89C51RD2/ED2 4235E–8051–04/04 Table 78. AC Parameters for a Fix Clock Table 79. AC Parameters for a Variable Clock Symbol -M Units Min Max T25 ns T LHLL 35 ns T AVLL 5ns T LLAX 5ns T LLIV n 65 ns T LLPL 5ns T PLPH 50 ns T PLIV 30 ns T PXIX 0ns T PXIZ 10 ns T AVIV 80 ns T PLAZ 10 ns Symbol Type Standard Clock X2 Clock X parameter for -M range Units T LHLL Min 2 T - x T - x 15 ns T AVLL Min T - x 0.5 T - x 20 ns T LLAX Min T - x 0.5 T - x 20 ns T LLIV Max 4 T - x 2 T - x 35 ns T LLPL Min T - x 0.5 T - x 15 ns T PLPH Min 3 T - x 1.5 T - x 25 ns T PLIV Max 3 T - x 1.5 T - x 45 ns T PXIX Min x x 0 ns T PXIZ Max T - x 0.5 T - x 15 ns T AVIV Max 5 T - x 2.5 T - x 45 ns T PLAZ Max x x 10 ns |