전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBR2045CT 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SBR2045CT
상세설명  20A SBR SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CT 데이터시트(HTML) 1 Page - Diodes Incorporated

  SBR2045CT Datasheet HTML 1Page - Diodes Incorporated SBR2045CT Datasheet HTML 2Page - Diodes Incorporated SBR2045CT Datasheet HTML 3Page - Diodes Incorporated SBR2045CT Datasheet HTML 4Page - Diodes Incorporated SBR2045CT Datasheet HTML 5Page - Diodes Incorporated SBR2045CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SBR2045CT/SBR2045CTFP
Document number: DS30958 Rev. 10 - 2
1 of 6
www.diodes.com
November 2016
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
20A SBR
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Patented Superior Barrier Rectifier SBR
®
Technology
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
TO220AB, ITO220AB and ITO220AB (Type E)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Available in “Green” Packages: TO220AB and ITO220AB
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO220AB, ITO220AB and ITO220AB (Type E)
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: TO220AB
– 1.85 grams (Approximate)
ITO220AB
– 1.65 grams (Approximate)
ITO220AB (Type E)
– 1.65 grams (Approximate)
Ordering Information (Notes 4 and 5)
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR2045CT-G.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Part Number
Case
Packaging
SBR2045CT
TO220AB
50 Pieces/Tube
SBR2045CT-G
TO220AB
50 Pieces/Tube
SBR2045CTFP
ITO220AB
50 Pieces/Tube
SBR2045CTFP-G
ITO220AB
50 Pieces/Tube
SBR2045CTFP-JT
ITO220AB (Type E)
50 Pieces/Tube
SBR2045CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week (01 to 53)
SBR2045CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week (01 to 53)
Y Y W W
AB
S B R 2 0 4 5 C T F P
S B R 2 0 4 5 C T
Y Y W W
AB
Package Pin-Out
Configuration
TO220AB
Top View
ITO220AB
Top View
TO220AB
Bottom View
ITO220AB
Bottom View
Green
Green
Pb
Pb
Pb
SBR is a registered trademark of Diodes Incorporated.


유사한 부품 번호 - SBR2045CT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SBR2045CT DIODES-SBR2045CT Datasheet
179Kb / 3P
20A SBR Super Barrier Rectifier
SBR2045 Rev. 2
SBR2045CT DIODES-SBR2045CT Datasheet
173Kb / 3P
20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
logo
Sangdest Microelectroni...
SBR2045CT SMC-SBR2045CT Datasheet
216Kb / 6P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBR2045CT DIODES-SBR2045CT Datasheet
164Kb / 5P
20A SBR짰 SUPER BARRIER RECTIFIER
Rev 8
SBR2045CT-G DIODES-SBR2045CT-G Datasheet
164Kb / 5P
20A SBR짰 SUPER BARRIER RECTIFIER
Rev 8
More results

유사한 설명 - SBR2045CT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
20A SBR SUPER BARRIER RECTIFIER
Rev 4
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
20A SBR SUPER BARRIER RECTIFIER
Rev erse
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
20A SBR SUPER BARRIER RECTIFIER
Rev erse
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com