전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBR2045CT 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 SBR2045CT
상세설명  20A SBR SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CT 데이터시트(HTML) 3 Page - Diodes Incorporated

  SBR2045CT Datasheet HTML 1Page - Diodes Incorporated SBR2045CT Datasheet HTML 2Page - Diodes Incorporated SBR2045CT Datasheet HTML 3Page - Diodes Incorporated SBR2045CT Datasheet HTML 4Page - Diodes Incorporated SBR2045CT Datasheet HTML 5Page - Diodes Incorporated SBR2045CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBR2045CT/SBR2045CTFP
Document number: DS30958 Rev. 10 - 2
3 of 6
www.diodes.com
November 2016
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
0
5
10
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (°C)
0.1
1
10
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TA = 25°C
TA = 125°C
TA = 150°C
TA = 75°C
Figure 1. Current Derating Curve, Per Element
Figure 2. Typical Forward Characteristics, Per Element
0.1
1
10
100
0
15
30
45
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TA = 150°C
TA = 25°C
TA = 125°C
TA = 75°C
Figure 3. Typical Reverse Characteristics, Per Element
Figure 4. Forward Power Dissipation



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com