전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBR2045CT 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 SBR2045CT
상세설명  20A SBR SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CT 데이터시트(HTML) 2 Page - Diodes Incorporated

  SBR2045CT Datasheet HTML 1Page - Diodes Incorporated SBR2045CT Datasheet HTML 2Page - Diodes Incorporated SBR2045CT Datasheet HTML 3Page - Diodes Incorporated SBR2045CT Datasheet HTML 4Page - Diodes Incorporated SBR2045CT Datasheet HTML 5Page - Diodes Incorporated SBR2045CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SBR2045CT/SBR2045CTFP
Document number: DS30958 Rev. 10 - 2
2 of 6
www.diodes.com
November 2016
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Peak Repetitive Reverse Surge Current (
2μs-1KHz)
IRRM
2
A
Isolation Voltage (ITO220AB Only)
From Terminal to Heatsink t = 3 sec.
VAC
2000
V
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance
Package: TO220AB(Note 6)
Package: ITO220AB(Note 6)
RJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
0.43
0.54
0.49
V
IF = 10A, TJ = +25ºC
IF = 10A, TJ = +125ºC
Leakage Current (Note 7)
IR
-
-
-
-
0.3
50
mA
VR = 45V, TJ = +25ºC
VR = 45V, TJ = +125ºC
Notes:
6. Test with Aluminum heatsink 50 x 50 x 23 mm.
7. Short duration pulse test used to minimize self-heating effect
.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com