| 전자부품 데이터시트 검색엔진 |
|
OL2385SWUG 데이터시트(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG 데이터시트(HTML) 15 Page - NXP Semiconductors |
|
15 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 15 / 64 Figure 12. KL43Z pin diagram Table 2. Example pin connections with KL43Z board OL2385(fixed) KL43Z Purpose P15 PTD 0 (Configured as output at KL43Z) CS (pin polled by OL2385 for incoming data) P17 PTD 5 (Configured as input at KL43Z) ACK P16 (SDI) PTD2 MOSI Data line P14 (SCK) PTD1 SCK Clock P13 (SDO) PTD3 MISO Data line RSTN RESET/PTA20 Reset pins Power Supply P3V3 Power supply pin GND GND Ground pin 5.4.1 Setting up KL43Z board with terminal program A new KL43Z board needs the following steps to be performed to get it up and running. To configure the OM2385/FS001, the user must: 1. Download drivers for the FRDM-KL43Z (first time only). 2. Set up and configure terminal program to control OL2385 using KL43Z (first time only). 3. Connect the hardware for use with the SIGFOX network. |